PART |
Description |
Maker |
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
GS1117CT-3.3 GS1117CM-2.85 GS1117CE-2.85 VISHAYSEM |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 IC VREG 2.85 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator
|
VISHAY SEMICONDUCTORS
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
P4C1257-55LMB P4C1257-55CMB P4C1257-25CMB P4C1257L |
800mA Fixed Output CMOS LDO, -40C to 125C, 3-SOT-223, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R x1的SRAM x1 SRAM x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-TO-220, TUBE x1的SRAM
|
Pyramid Semiconductor, Corp. Abracon, Corp.
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
RP154N013B-TR-F RP154L024A-E2 RP154N004A-TR-F RP15 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 ROHS COMPLIANT, SOT-23, 6 PIN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8
|
RICOH COMPANY LTD
|
NJM2207 NJM2207D NJM2207M NJM2207S |
Single Output LDO, 100mA, Fixed(2.9V), Shutdown, 0.75% Tolerance 5-SOT-23 -40 to 125 VIDEO SUPER IMPOSER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
MIC2212_06 MIC2212 MIC2212-DNBML MIC2212-DNYML MIC |
Dual ??ap LDO and Power-On Reset DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual レCap LDO and Power-On Reset DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Dual μCap LDO and Power-On Reset
|
MICREL INC Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
TC1264 TC1264-1.8VAB TC1264-1.8VDBTR TC1264-1.8VEB |
TC1264 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Output CMOS LDO
|
Microchip Technology
|
|